38999 26482 83723 iii 5015 26500 pyle printed circuit board emi filter transient fiber optics options others matrix 2 matrix pyle crimp rear release matrix 28 i ii iii high speed contacts sjt contact amphenol aerospace for more information at 800-678-0141 ? www.amphenol-aerospace.com amphenol aerospac e 1.234 max 31.34 max 1.220 max 31.00 max b thread d v thread .359 max 9.12 max .359 max 9.12 max .591 +.003 C.000 15.01 +.08 C.00 blue band ? 1.234 max 31.34 max q 1.656 max 42.06 max 1.797 max 45.64 max view d for size 8 twinax onl y , relative to view d for size 8 coaxial onl y , relative to CaC CaC CaC v thread .591 +.003 C.000 15.01 +.08 C.00 CaC q b thread d blue band ? ? blue band indicates rear release contact retention system all dimensions for reference only. inches millimeters composite tv06r (d38999/26) C crimp, metal ctv06r (d38999/26) C crimp, composite straight plug shell size ms shell size code b thread 0.1p-0.3l-ts-2b (plated) q dia. max. 9 a .6250 .858 11 b .7500 .984 13 c .8750 1.157 15 d 1.0000 1.280 17 e 1.1875 1.406 19 f 1.2500 1.516 21 g 1.3750 1.642 23 h 1.5000 1.768 25 j 1.6250 1.890 shell size ms shell size code q max. v thread metric 9 a 21.8 m12x1-6g 11 b 25.0 m15x1-6g 13 c 29.4 m18x1-6g 15 d 32.5 m22x1-6g 17 e 35.7 m25x1-6g 19 f 38.5 m28x1-6g 21 g 41.7 m31x1-6g 23 h 44.9 m34x1-6g 25 j 48.0 m37x1-6g metal tv 06 rw 9-35 p b (453) tvs 06 rk x-x x x (xxx) tvs 06 rf x-x x x (xxx) tvs 06 rs x-x x x (xxx) ctv 06 rw x-x x x (xxx) ctvs 06 rf x-x x x (xxx) d38999/ 26 x x-x x x na connector type shell style service class shell size & insert arrg contact type alternate position special variations to complete, see how to order pages 22-24. part # metal
|